Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP522ACEZ-R7 Datasheet(PDF) 16 Page - TDK Electronics

Part # INMP522ACEZ-R7
Description  Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP522ACEZ-R7 Datasheet(HTML) 16 Page - TDK Electronics

Back Button INMP522ACEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 13Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 14Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 15Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 16Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 17Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 18Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 19Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 20Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
INMP522
PCB DESIGN AND LAND PATTERN LAYOUT
Lay out the PCB land pattern for the inMP522 at a 1:1 ratio to the solder pads on the microphone package (see Figure 14.) Take care
to avoid applying solder paste to the sound hole in the PCB. Figure 15 shows a suggested solder paste stencil pattern layout.
The response of the inMP522 is not affected by the PCB hole size, as long as the hole is not smaller than the sound port of the micro-
phone (0.25 mm, or 0.010 inch, in diameter). A 0.5 mm to 1 mm (0.020 inch to 0.040 inch) diameter for the hole is recommended.
Align the hole in the microphone package with the hole in the PCB. The exact degree of the alignment does not affect the
performance of the microphone as long as the holes are not partially or completely blocked.
Figure 14. Suggested PCB Land Pattern Layout
Dimensions shown in millimeters
Figure 15. Suggested Solder Paste Stencil Pattern Layout
Dimensions shown in millimeters
0.40 × 0.60 (4×)
(0.30)
0.90
(0.30)
ø1.70
3.80
(0.30)
0.35
2.80
2× R0.10
(0.30)
0.35
2.05
0.70
ø1.10
(1.000)
(0.550)
CENTER LINE
1.45
0.9
2.45
0.7
1.525
1.000
0.35
1.849
1.849
1.498
0.205 WIDE
0.248 × 0.498 (2×)
0.248 × 1.148 (2×)
0.248 × 0.948 (2×)
1.498 × 0.248
0.398 × 0.298 (4×)
0.362 CUT (3×)
1.17
24°
24°
0.375
CENTER
LINE
Page 16 of 21
Document Number: DS-INMP522-00
Revision: 1.1
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com