Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP522ACEZ-R7 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP522ACEZ-R7
Description  Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP522ACEZ-R7 Datasheet(HTML) 1 Page - TDK Electronics

  INMP522ACEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
INMP522
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
GENERAL DESCRIPTION
The INMP522* is an omnidirectional, bottom-ported, digital
output MEMS microphone with high performance, ultra-low
noise, and low power. The INMP522 has a sensitivity
tolerance of ±1 dB from part to part, making it ideal for
microphone array and beamforming applications.
The INMP522 consists of a MEMS microphone element and an
impedance converter amplifier followed by a fourth-order Σ-Δ
modulator. The digital interface enables the pulse density
modulated (PDM) output of two microphones to be time-
multiplexed on a single data line using a single clock. The
INMP522 is function- and pin-compatible with the INMP521 and
INMP421 microphones, providing an easy upgrade path.
The INMP522 has a very high signal-to-noise ratio (SNR) of
65 dBA and sensitivity of −26 dBFS, making it an excellent
choice for near- and far-field applications. The INMP522 has
an extended wideband frequency response, resulting in
natural sound with high intelligibility. Low current
consumption and a sleep mode with less than 2 µA current
consumption enables long battery life for portable
applications.
The INMP522 is available in a thin 4 × 3 × 1 mm surface-
mount package. It is reflow solder compatible with no
sensitivity degradation.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Smartphones and Feature Phones
•
Microphone Arrays
•
Tablet Computers
•
Teleconferencing Systems
•
Digital Still and Video Cameras
•
Bluetooth Headsets
•
Notebook PCs
•
Security and Surveillance
FEATURES
•
Sensitivity Tolerance of ±1 dB
•
Small, Thin 4 × 3 × 1 mm Surface-Mount Package
•
Omnidirectional Response
•
Very High SNR of 65 dBA
•
Sensitivity of −26 dBFS
•
Wide Frequency Response from 75 Hz to >20 kHz
•
Low Current Consumption of 800 µA
•
Sleep Mode for Extended Battery Life, <2 µA
•
Acoustic Overload Point of 116 dB SPL
•
High PSR of −83 dBFS
•
Fourth-Order Σ-Δ Modulator
•
Digital PDM Output
•
Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
INMP522ACEZ-R0*
−40°C to +85°C
INMP522ACEZ-R7†
−40°C to +85°C
EV_INMP522-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel is to be discontinued. Contact sales@invensense.com for
availability.
INMP522
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
BOTTOM
TOP
InvenSense reserves the right to change the detail
specifications as may be required to permit
improvements in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP522-00
Revision: 1.1
Release Date: 05/14/2014


Similar Part No. - INMP522ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
INMP521ACEZ-R0 TDK-INMP521ACEZ-R0 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
INMP521ACEZ-R7 TDK-INMP521ACEZ-R7 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
More results

Similar Description - INMP522ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-990 VECTRON-PX-990 Datasheet
284Kb / 6P
Crystal Oscillator Ultra Low Noise and G-Sensitivity
logo
Advanced XTAL Products
AXIOM75LG AXTAL-AXIOM75LG Datasheet
132Kb / 4P
Ultra-Low Phase Noise OCXO with Low G-Sensitivity
logo
TDK Electronics
ICS-40310 TDK-ICS-40310 Datasheet
410Kb / 14P
Ultra-low Current, Low-Noise Microphone with Analog Output
ICS-41350 TDK-ICS-41350 Datasheet
307Kb / 22P
Bottom Port PDM Low?륯ower Multi?륪ode Microphone
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
logo
TAITIEN ELECTRONICS CO....
NA-100M-6900 TAITIEN-NA-100M-6900 Datasheet
558Kb / 4P
100MHz Ultra Low Noise/Low G-Sensitivity OCXO
logo
Infineon Technologies A...
IM73D122V01 INFINEON-IM73D122V01 Datasheet
838Kb / 18P
Ultra-low noise high sensitivity digital XENSIVTM MEMS microphone
1.00 2022-08-12
logo
MultiDimension Technolo...
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com