Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP522ACEZ-R7 Datasheet(PDF) 12 Page - TDK Electronics

Part # INMP522ACEZ-R7
Description  Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP522ACEZ-R7 Datasheet(HTML) 12 Page - TDK Electronics

Back Button INMP522ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 9Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 10Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 11Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 13Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 14Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 15Page - TDK Electronics INMP522ACEZ-R7 Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
INMP522
CONNECTING PDM MICROPHONES
A PDM output microphone is typically connected to a codec with a dedicated PDM input. This codec separately decodes the left and right
channels and filters the high sample rate modulated data back to the audio frequency band. The codec also generates the clock for
the PDM microphones or is synchronous with the source that generates the clock.
Figure 11 and Figure 12 show mono and stereo connections between the INMP522 and a codec. The mono connection shows an
INMP522 set to output data on the right channel. To output data on the left channel, tie the L/R SELECT pin to VDD instead of GND.
Figure 11. Mono PDM Microphone (Right Channel) Connection to Codec
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
INMP522
CLK
VDD
DATA INPUT
Page 12 of 21
Document Number: DS-INMP522-00
Revision: 1.1
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com