Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP2
Description  Low profile, high current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP2 Datasheet HTML 1Page - Eaton All Rights Reserved. FP2 Datasheet HTML 2Page - Eaton All Rights Reserved. FP2 Datasheet HTML 3Page - Eaton All Rights Reserved. FP2 Datasheet HTML 4Page - Eaton All Rights Reserved. FP2 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4110
Effective December 2015
Supersedes July 2014
Product description
•
High current carrying capacity
•
Dual conductors allow for low inductance
and high current or high inductance and
lower current
•
Inductance range from 0.047uH to 0.480uH
•
Current range 9.0 to 42 Amps
•
7.2 x 6.7mm footprint surface mount package
in a 3.0 or 5.0mm heights
•
Ferrite core material
•
Halogen free, lead free, RoHS compliant
Applications
•
Servers
•
Multi-phase and Vcore regulators
•
Voltage Regulator Modules (VRMs)
•
Server and desktop
•
Central processing unit (CPU)
•
Graphics processing unit (GPU)
•
Application specific integrated circuit (ASIC)
•
High power density
•
Notebook regulators
•
Battery power systems
•
Graphics cards
Environmental data
•
Storage temperature range (component):
-40°C to +125°C
•
Operating temperature range: -40°C to +125°C
(Ambient plus self temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
FP2
Low profile, high current power inductors
Pb
HALOGEN
HF
FREE


Similar Part No. - FP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP2-D047-R ETC2-FP2-D047-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
FP2-D068-R ETC2-FP2-D068-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
FP2-D082-R ETC2-FP2-D082-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
FP2-D100-R ETC2-FP2-D100-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
FP2-D120-R ETC2-FP2-D120-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
More results

Similar Description - FP2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
HC2LP-4R7-R COOPER-HC2LP-4R7-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
Low profile, high current power inductors
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
High Current, Low Profile, Miniature Power Inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
High current, low profile, miniature power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com