Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP2
Description  Low profile, high current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP2 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP2 Datasheet HTML 1Page - Eaton All Rights Reserved. FP2 Datasheet HTML 2Page - Eaton All Rights Reserved. FP2 Datasheet HTML 3Page - Eaton All Rights Reserved. FP2 Datasheet HTML 4Page - Eaton All Rights Reserved. FP2 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
4110
Effective December 2015
FP2
Low profile, high current power inductors
www.eaton.com/elx
Dimensions–mm
Single conductor
Packaging information
Supplied in tape and reel packaging.
FP2-S,FP2-D: 1,700 parts per 13” diameter reel.
FP2-S200, FP2-V: 950 parts per 13” diameter reel.
Ko
min.
Bo
Ao
12.0
4.0
2.0
+0.1/-0.0
A
A
1.75
7.5
+/-0.3
1
2
Ao=6.6mm
Bo=7.1mm
Ko=3.2mm
Ko=5.2mm
(FP2-S200,FP2-V)
Direction of Feed
(FP2-S,FP2-D)
Dual conductor
Part marking: FPS, V or D (S= single conductor,
V= single conductor, D= dual conductor),
xxx (xxx= inductance value in uH, R= decimal point)
yww= date code
Tolerances are ±0.2 millimeters unless stated otherwise
All soldering surfaces to be coplanar within 0.15 millimeters
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com