Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP2
Description  Low profile, high current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP2 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP2 Datasheet HTML 1Page - Eaton All Rights Reserved. FP2 Datasheet HTML 2Page - Eaton All Rights Reserved. FP2 Datasheet HTML 3Page - Eaton All Rights Reserved. FP2 Datasheet HTML 4Page - Eaton All Rights Reserved. FP2 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4110
Effective December 2015
FP2
Low profile, high current power inductors
www.eaton.com/elx
Product specifications
Part number5
OCL1
(μH) ±15%
lrms2
(amps)
lsat3
(amps)
DCR (Ω) typical
@ 20°C
Height
maximum
Volt-μsec4 (V-μs)
Single conductor
FP2-S047-R
0.047
39
42
0.00024
3
0.75
FP2-S068-R
0.068
39
32
0.00024
3
0.75
FP2-S082-R
0.082
39
26
0.00024
3
0.75
FP2-S100-R
0.100
39
22
0.00024
3
0.75
FP2-S120-R
0.120
39
18
0.00024
3
0.75
FP2-S200-R
0.200
37
19
0.00028
5
0.99
FP2-V050-R
0.050
37
70
0.00028
5
0.99
FP2-V100-R
0.100
37
40
0.00028
5
0.99
FP2-V120-R
0.120
37
33
0.00028
5
0.99
FP2-V150-R
0.150
37
25.5
0.00028
5
0.99
Double conductor
FP2-D047-R
0.047
37
42
0.00026
3
0.75
FP2-D068-R
0.068
37
32
0.00026
3
0.75
FP2-D082-R
0.082
37
26
0.00026
3
0.75
FP2-D100-R
0.100
37
22
0.00026
3
0.75
FP2-D120-R
0.120
37
18
0.00026
3
0.75
Series mode
Part number5
OCL1
(μH) ±15%
lrms2
(amps)
lsat3
(amps)
DCR (Ω) typical
@ 20°C
Height
maximum
Volt-μsec4 (V-μs)
Double conductor
FP2-D047-R
0.188
16
21
0.0013
3
1.5
FP2-D068-R
0.272
16
16
0.0013
3
1.5
FP2-D082-R
0.328
16
13
0.0013
3
1.5
FP2-D100-R
0.400
16
11
0.0013
3
1.5
FP2-D120-R
0.480
16
9
0.0013
3
1.5
1. Open Circuit Inductance (OCL) Test parameters: 1.0MHz, 0.25Vrms, ).0Adc, +25°C
2. Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is necessary
for AC currents. PCB layout, trace thickness and width, airflow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end application.
3. Isat : Peak current for approximately 30% rolloff @ +20°C.
4. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
500kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise.
5. Part Number Definition: FP2-xyyy-R
FP2 = Product code and size
x = Version indicator, S = single conductor, V = single conductor, D = dual conductor
yyy = Inductance value in uH, R = decimal point
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com