Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6166 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6166
Description  600mA Low Noise High PSRR LDO with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6166 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6166 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FP6166-0.4-OCT-2012
FP6166
85T
fitipower integrated technology lnc.
600mA Low Noise High PSRR
LDO with Shutdown
Description
The FP6166 is a low dropout, low noise, high PSRR
and very low quiescent current positive linear
regulator.
The FP6166 can supply 600mA output
current with low dropout voltage at about 890mV that
optimized for battery-powered systems or portable
wireless devices such as mobile phones.
The
shutdown function can provide remote control for the
external signal to decide the on/off state of FP6166
that consumes less than 0.1µA during shutdown
mode.
The FP6166 regulator is able to operate with output
capacitors as small as 1µF for stability.
Other than
the current limit protection, FP6166 also offers the on
chip thermal shutdown feature providing protection
against overload or any condition when the ambient
temperature
exceeds
the
maximum
junction
temperature.
The FP6166 offers high precision output voltage of
2%.
It is housed in low-profile, space-saving
SOT-23-5 and SOP-8 packages.
Features
Low Dropout Voltage of 890mV at 600mA
Low
30μVrms Output Noise
Guaranteed 600mA Output Current
Adjustable Mode Output Voltage Range is from
1V to 5.5V-Vdrop
High Power Supply Rejection Ratio of 70dB at
10kHz
Very Low Quiescent Current at 45µA
Max.
2% Output Voltage Accuracy
Fast Response in Line/Load Transient
Thermal Shutdown Protection
Current Limit Protection
Low-ESR Ceramic Capacitor for Output Stability
Miniature Packages: SOT-23-5 and SOP-8
RoHS Compliant
Applications
Mobile Phone
Notebook, Sub-Notebook and Tablet Computer
DSC
Portable Information Appliance
Battery Power System
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
4
5
VIN GND
VOUT
ADJ
SHDN
SO Package (SOP-8)
VIN
ADJ
GND
2
3
4
6
5
7
8
1
SHDN
VOUT
GND
GND
GND
Figure 1. Pin Assignment of FP6166
Ordering Information
SOT-23-5 Marking
Part Number
Product Code
FP6166S5CTR
C7G
FP6166
□□□
TR: Tape/Reel
C: Green
Package Type
S5: SOT-23-5
SO: SOP-8


Similar Part No. - FP6166

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6166ADDR-G1 FEELING-FP6166ADDR-G1 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6166ADGR-G1 FEELING-FP6166ADGR-G1 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results

Similar Description - FP6166

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
Low Noise LDO with Low IQ, High PSRR
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
AME8855A AME-AME8855A Datasheet
451Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
logo
Intersil Corporation
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
Low Noise LDO with Low IQ, High PSRR
June 27, 2014
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
600mA High PSRR, Low Noise, LDO Regulators
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
Low Noise LDO with Low IQ, High PSRR
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com