Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6733 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6733
Description  PWM Controlled, Step-up DC/DC Converter in Tiny Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6733 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6733 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6733 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FP6733-1.6-JUN-2013
FP6733
fitipower integrated technology lnc.
PWM Controlled, Step-up DC/DC
Converter in Tiny Package
Pin Assignments
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
CE EXT GND
LX
VDD
FB
S9 Package (TSOT-23-6)
2
1
3
6
4
5
(Marking)
CE EXT GND
LX
VDD
FB
Figure1. Pin Assignment of FP6733
Ordering Information
SOT-23-6 Marking
Part Number
Product Code
FP6733S6G
AA=
TSOT-23-6 Marking
Part Number
Product Code
FP6733S9G
aa=
Description
The FP6733 is a high efficiency PWM DC/DC
step-up converter with internal compensated current
mode controller.
The output voltage is set by using
two external resistors.
The 550kHz switching
frequency
minimizes
the
size
of
external
components.
Both internal 1A switch and driver for
driving external power device (NMOS or NPN) are
provided.
The FP6733 starts up below 1V input voltage with
1mA load.
Due to built-in automatic PWM/PFM
switch-over function, the FP6733 is able to get high
efficiency
during
both
light
and
heavy
load.
External transistor pin is available to accommodate
high output current applications.
The
FP6733
is
available
in
SOT-23-6
and
TSOT-23-6 packages.
Features
0.9V (Typ.) Low Start-up Input Voltage at 1mA
Load
High Switching Frequency at 550kHz
Provide Flexibility for Using Internal and External
Power Switches
Automatic PFM Mode at Light Load
Low Ripple and High Efficiency
Excellent Line/Load Regulation
Chip Enable Control Function
Current Limit Protection
Thermal Overload Protection
Space Saving Packages: SOT-23-6 and
TSOT-23-6
Applications
PDA
MP3
DSC
RF Tag
Wireless Equipment
Portable Equipment
FP6733
□□□
G: Green
TR: Tape/Reel
Package Type
S6: SOT-23-6
S9: TSOT-23-6


Similar Part No. - FP6733

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
FP6736S6G ETC2-FP6736S6G Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
FP6736S6P ETC2-FP6736S6P Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
FP6736S8G ETC2-FP6736S8G Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
More results

Similar Description - FP6733

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Torex Semiconductor
0307_XC6373 TOREX-0307_XC6373 Datasheet
185Kb / 8P
LOW FREQUENCY PWM CONTROLLED STEP UP DC/DC CONVERTER
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Richtek Technology Corp...
RT9266 RICHTEK-RT9266 Datasheet
266Kb / 14P
Tiny Package, High Efficiency, Step-up DC/DC Converter
RT9266B RICHTEK-RT9266B Datasheet
316Kb / 13P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
RT9275 RICHTEK-RT9275 Datasheet
305Kb / 14P
Tiny Package, High Efficiency, Step-Up DC/DC Converter
logo
Leshan Radio Company
LR9908 LRC-LR9908 Datasheet
427Kb / 8P
TINY PACKAGE HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com