Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 11Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 12Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 13Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 14Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 15Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 16Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
13
Version: DM562P-DS-P02
February 28, 2001
Interrupt Enable Register (IER): Address 1
Reset State 00h, Write Only
bit7 Bit
6
bit
5
bit4
bit3
bit2
bit1
bit0
0
0
0
0
Enable
Modem
Status
Intr
Enable
Line
Status
Intr
Enable
TX
Holding
Register
Intr
Enable
RX
Data
Intr
This 8-bit register enables the four types of
interrupts as described below. Each interrupt source
can activate the INT output signal if enabled by this
register. Resetting bits 0 through 3 will disable all
UART interrupts.
Bit 0: This bit enables the Received Data Available
and timeout interrupts in the FIFO mode when
set to logic 1.
Bit 1: This bit enables the Transmitter Holding
Register Empty Interrupt when set to logic 1.
Bit 2: This bit enables the Receiver Line Status
Interrupt when set to logic 1.
Bit 3: This bit enables the MODEM Status Interrupt
when set to logic 1.
Bit 4-7: Not used
Interrupt Identification Register (IIR): Address 2
Reset State 01h, Read only
Bit7
Bit6 bit5 bit4
bit3
bit2
bit1
bit0
FIFO
Enable
000
D3:
INTD2
D2:
INTD1
D1:
INTD0
D0:
int
Pending
In order to provide minimum software overhead
during data transfers, the virtual UART prioritizes
interrupts into four levels as follows: Receiver Line
Status (priority 1), Receiver Data Available (priority
2), Character Timeout Indication (priority 2, FIFO
mode only), Transmitter Holding Register Empty
(priority 3), and Modem Status (priority 4).
The IIR register gives prioritized information
regarding the status of interrupt conditions. When
accessed, the IIR indicates the highest priority
interrupt that is pending.
Bit 0: This bit can be used in either a prioritized
interrupt or polled environment to indicate
whether an interrupt is pending. When this bit
is a logic 0, an interrupt is pending, and the IIR
contents may be used as a pointer to the
appropriate interrupt service routine. When bit
0 is a logic 1, no interrupt is pending, and
polling (if used) continues.
Bit 1-2: These two bits of the IIR are used to identify
the highest priority interrupt pending, as
indicated in the table below.
Bit 3: In character mode, this bit is 0. In FIFO mode,
this bit is set, along with bit 2, when a timeout
interrupt is pending.
Bit 4-6: Not used
Bit 7: FIFO always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com