Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 17Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 18Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 19Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
21
Version: DM562P-DS-P02
February 28, 2001
Identification ID (xxxxxx00 - PCIID)
31
16
15
0
Dev_ID
Vend_ID
Device ID
Vendor ID
Bit
Default
Type
Description
31:16
6585h
RO
_WR
The field identifies the particular device. Unique and fixed number for the
DM6588 is 6585h. It is the product number assigned by DAVICOM.
15:0
1282h
RO
_WR
This field identifies the manufacturer of the device. Unique and fixed
number for Davicom is 1282h. It is a registered number from SIG.
Command & Status (xxxxxx04 - PCICS)
31
16 15
0
Status
Command
Status
Command
Status Register Definition:
31
30
29
28
27
26
25
24
23
22
21
20
16
0
0
1
1
0
0
19
1
Detected Parity Error
Signal For System Error
Master Abort Detected
Target Abort Detected
DEVSEL Timing
Data Parity Error Detected
Slave mode Fast back to Back
New Capability
66MHz Capability
User Definable
Send Target Abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com