Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562P Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM562P
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562P Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM562P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM562P Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
27
Version: DM562P-DS-P02
February 28, 2001
Bit
Default
Type
Description
31:27
00000
RO
_WR
PME_Support
This five-bit field indicates the power states in which the function may assert
PME#. A value of 0 for any bit indicates that the function is not capable of
asserting thePME# signal while in that power state.
bit27
PME# support D0
bit28
PME# support D1
bit29
PME# support D2
bit30
PME# support D3(hot)
bit31
PME# support D3(cold)
DM6588’s bit31~27=11000 indicates PME# can be asserted from D3(hot) &
D(cold).
26:22
00000
RO
Reserved (DM6588 not supports D1, D2)
21
0
RO
A “1” indicates that the function requires a device specific initialization
sequence following transition to the D0 uninitialized state.
20
1
RO
Auxiliary Power Source
This bit is only meaningful if bit31 is a “1”.
This bit is “1” in DM6588 indicates that support for PME# in D3(cold)
requires auxiliary power.
19
0
RO
PME# Clock
“0” indicates that no PCI clock is required for the function to generate
PME#.
18:16
001
RO
Version
A value of 001 indicates that this function complies with the Revision 1.0 of
the PCI Power Management Interface Specification.
15:8
00h
RO
Next Item Pointer
The offset into the function’s PCI Configuration Space pointing to the
location of next item in the function’s capability list is “00h”
7:0
01h
RO
Capability Identifier
When “01h” indicates the linked list item as being the PCI Power
Management Registers.
Power Management Control/Status(Xxxxxx54h~PMCSR)
0
R/W
R/W
R/W
0
0
0
0
0
0
0
000
0
0
1
2
15
8
7
9
14
PMCSR
Offset=54H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com