Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6861D Datasheet(PDF) 2 Page - Fitipower Integrated Technology Inc.

Part # FP6861D
Description  Dual-Channel Power Distribution Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861D Datasheet(HTML) 2 Page - Fitipower Integrated Technology Inc.

  FP6861D Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 6Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FP6861D-Preliminary 0.1-JAN-2012
FP6861D
fitipower integrated technology lnc.
Typical Application Circuit
ENA
ENB
VOUTB
GND
VIN
VOUTA
OVERCURRENT
VIN
OVERCURRENT
ON/OFF
ON/OFF
Load
Load
Logic Controller
10K
10K
FP6861D
VCONT
VCC
2.7V to 5.5V
1µF
OVERCURRENT
10µF
10µF
OCA
OCB
(ENA)
(ENB)
Figure 2. Typical Application Circuit
Functional Pin Description
Pin Name
Pin No.
Pin Function
VIN
7
Input Power Supply
VOUTA
8
Switch Output
VOUTB
5
Switch Output
GND
6
Ground
ENA/
1
ENA  Chip Enable.
Pull the pin high to enable IC; pull the pin low to shutdown IC.
Do not let the
pin floating.
A  Chip Shutdown. Pull the pin high to shutdown IC; Pull the pin low to enable IC. Do not let
the pin floating.
ENB/
4
ENB  Chip Enable.
Pull the pin high to enable IC; pull the pin low to shutdown IC.
Do not let the
pin floating.
 Chip Shutdown. Pull the pin high to shutdown IC; Pull the pin low to enable IC. Do not let
the pin floating.
2
Open-Drain Fault Flag Output
3
Open-Drain Fault Flag Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com