Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6861D Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6861D
Description  Dual-Channel Power Distribution Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861D Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6861D Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 6Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
FP6861D-Preliminary 0.1-JAN-2012
FP6861D
fitipower integrated technology lnc.
Dual-Channel
Power Distribution Switch
Pin Assignments
SO Package (SOP-8)
GND
VIN
2
3
4
6
5
7
8
1
VOUTA
(ENA)ENA
(ENB)ENB
OCA
OCB
VOUTB
Ordering Information
Available Product List:
FP6861D-B1SOCTR
FP6861D-B2SOCTR
Description
The FP6861D is a cost-effective, low voltage, dual
N-Channel
MOSFET
high-side
power
switch,
optimized
for
self-powered
and
bus-powered
Universal Serial Bus (USB) applications.
The FP6861D is equipped with a charge pump
circuitry to drive the internal MOSFET switch.
The
switch's low RDS(ON) meets USB voltage drop
requirement, and a flag output is available to indicate
fault conditions to the local USB controller.
Additional features include soft-start to limit inrush
current during plug-in, thermal shutdown to prevent
catastrophic switch failure from high-current loads,
and under-voltage lockout (UVLO) to ensure that the
device remains off unless there is a valid input
voltage present.
Besides, fault current is limited to
specific current for FP6861D in dual port in
accordance with the USB power requirements.
FP6861D will prevent reverse current when it is
disabled and VOUT is higher than VIN.
The FP6861D is available in SOP-8 package with
smallest components.
Features
● Compliant to USB Specifications
● Built-In Low RDS(ON) N-Channel MOSFET
● Output Can Be Forced Higher Than Input
(Off-State)
● Low Supply Current:
130
μA Typical at Switch On State
0.2
μA Typical at Switch Off State
● Wide Input Voltage Ranges: 2.7V to 5.5V
● Open-Drain Fault Flag Output
● Hot Plug-In Application (Soft-Start)
● 2.2V Typical Under-Voltage Lockout (UVLO)
● Current Limiting Protection
● Thermal Shutdown Protection
● Reverse Current Flow Blocking (No Body Diode)
● Logic Level Enable Pin
● SOP-8 Package
● RoHS Compliant
● UL NO.E322418 (Approved model: FP6861 series)
Applications
● USB Bus/Self Powered Hub
● USB Peripheral
● ACPI Power Distribution
● Notebook, Motherboard PC
● Battery-Charger Circuit
FP6861D-
□□□□□
TR: Tape/Reel
Package Type
SO: SOP-8
C: Green
Typical Current Limit
B: 1.75A
Enable
1. Active High
2. Active Low


Similar Part No. - FP6861D

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
FP6861C-A1AS5C FITIPOWER-FP6861C-A1AS5C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
FP6861C-A1AS5CTR FITIPOWER-FP6861C-A1AS5CTR Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
FP6861C-A1MSCTR FITIPOWER-FP6861C-A1MSCTR Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
FP6861C-A2AS5C FITIPOWER-FP6861C-A2AS5C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
More results

Similar Description - FP6861D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026 TSC-TS2026 Datasheet
279Kb / 7P
Dual-Channel Power Distribution Switch
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com