Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6861D Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6861D
Description  Dual-Channel Power Distribution Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861D Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6861D Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6861D Datasheet HTML 6Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FP6861D-Preliminary 0.1-JAN-2012
FP6861D
fitipower integrated technology lnc.
Electrical Characteristics
(VIN=5V, CIN=COUT=1µF, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Switch On Resistance
RDS(ON)
IOUT=70% minimum current
limit
-
100
125
m
Ω
Supply Current
ISW_ON
Switch on, VOUT = Open
-
130
-
µA
ISW_OFF
Switch off, VOUT = Open
-
0.2
1
EN Threshold
VIL
Switch off
-
-
0.7
V
VIH
Switch on
1.8
-
-
EN Input Current
IEN
VEN = Enable
-
0.01
0.1
µA
Current Limit
ILIM
RLOAD = 1Ω, FP6861D-B1
1.5
1.75
2
A
RLOAD = 1Ω, FP6861D-B2
1.5
1.75
2.1
Short Circuit Fold-Back
Current
ISC_FB
VOUT = 0V, measured prior to
thermal shutdown
-
0.5
-
A
Output Leakage Current
ILEAKAGE
VEN = Disable, RLOAD = 0Ω
0.5
1
µA
Output Turn-On Rise Time
TON_RISE
10% to 90% of VOUT rising,
CL=120µF
500
µs
OC Output Resistance
OC
R
ISINK = 1mA
70
Ω
OC Off Current
OC
I
OC
V
= 5V
0.01
µA
OC Delay Time
tD
From fault condition to OC
assertion
10
ms
Under-Voltage Lockout
VUVLO
VIN increasing
2.2
V
Under-Voltage Hysteresis
ΔVUVLO
VIN decreasing
0.2
V
Shutdown Pull Low
Resistance
RPD
80
Ω
Thermal Shutdown
Threshold (Note2)
TSD
135
°C
ΔTSD
Hysteresis
20
°C
Note 2:Guarantee by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com