Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN2003AI Datasheet(PDF) 4 Page - Texas Instruments

Part # UN2003AI
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UN2003AI Datasheet(HTML) 4 Page - Texas Instruments

  UN2003AI Datasheet HTML 1Page - Texas Instruments UN2003AI Datasheet HTML 2Page - Texas Instruments UN2003AI Datasheet HTML 3Page - Texas Instruments UN2003AI Datasheet HTML 4Page - Texas Instruments UN2003AI Datasheet HTML 5Page - Texas Instruments UN2003AI Datasheet HTML 6Page - Texas Instruments UN2003AI Datasheet HTML 7Page - Texas Instruments UN2003AI Datasheet HTML 8Page - Texas Instruments UN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
ULN2003AI
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS054B – JULY 2003 – REVISED FEBRUARY 2005
T
A = –40°C to 105°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IC = 200 mA
2.7
VI(on)
On-state input voltage
5
VCE = 2 V
IC = 250 mA
2.9
V
IC = 300 mA
3
II = 250 µA,
IC = 100 mA
0.9
1.2
VCE(sat)
Collector-emitter saturation voltage
4
II = 350 µA,
IC = 200 mA
1
1.4
V
II = 500 µA,
IC = 350 mA
1.2
1.7
ICEX
Collector cutoff current
1
VCE = 50 V,
II = 0
100
µA
VF
Clamp forward voltage
7
IF = 350 mA
1.7
2.2
V
II(off)
Off-state input current
2
VCE = 50 V,
IC = 500 µA
30
65
µA
II
Input current
3
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
6
VR = 50 V
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
T
A = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 8
0.25
1
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 8
0.25
1
µs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA, See Figure 9
VS – 20
mV
T
A = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 8
1
10
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 8
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA, See Figure 9 VS – 50
mV
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com