Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN2003AI Datasheet(PDF) 1 Page - Texas Instruments

Part # UN2003AI
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UN2003AI Datasheet(HTML) 1 Page - Texas Instruments

  UN2003AI Datasheet HTML 1Page - Texas Instruments UN2003AI Datasheet HTML 2Page - Texas Instruments UN2003AI Datasheet HTML 3Page - Texas Instruments UN2003AI Datasheet HTML 4Page - Texas Instruments UN2003AI Datasheet HTML 5Page - Texas Instruments UN2003AI Datasheet HTML 6Page - Texas Instruments UN2003AI Datasheet HTML 7Page - Texas Instruments UN2003AI Datasheet HTML 8Page - Texas Instruments UN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
D, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
The ULN2003AI has a 2.7-k
Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V
ULN2003AI
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS054B – JULY 2003 – REVISED FEBRUARY 2005
•
500-mA-Rated Collector Current (Single
Output)
•
High-Voltage Outputs . . . 50 V
•
Output Clamp Diodes
•
Inputs Compatible With Various Types of
Logic
•
Relay-Driver Applications
The
ULN2003AI
is
a
high-voltage,
high-current
Darlington transistor array. This device consists of
seven npn Darlington pairs that feature high-voltage
outputs with common-cathode clamp diodes for
switching inductive loads. The collector-current rating
of a single Darlington pair is 500 mA. The Darlington
pairs can be paralleled for higher current capability.
Applications include relay drivers, hammer drivers,
lamp
drivers,
display
drivers
(LED
and
gas
discharge), line drivers, and logic buffers.
CMOS devices.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP (N)
Tube of 425
ULN2003AIN
ULN2003AIN
Tube of 40
ULN2003AID
–40
°C to 105°C
SOIC (D)
ULN2003AI
Reel of 2500
ULN2003AIDR
TSSOP (PW)
Reel of 2000
ULN2003AIPWR
UN2003AI
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UN2003AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UN2003A TI-UN2003A Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - UN2003AI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Texas Instruments
ULN2004AI TI-ULN2004AI Datasheet
417Kb / 13P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com