Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN2003AI Datasheet(PDF) 3 Page - Texas Instruments

Part # UN2003AI
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UN2003AI Datasheet(HTML) 3 Page - Texas Instruments

  UN2003AI Datasheet HTML 1Page - Texas Instruments UN2003AI Datasheet HTML 2Page - Texas Instruments UN2003AI Datasheet HTML 3Page - Texas Instruments UN2003AI Datasheet HTML 4Page - Texas Instruments UN2003AI Datasheet HTML 5Page - Texas Instruments UN2003AI Datasheet HTML 6Page - Texas Instruments UN2003AI Datasheet HTML 7Page - Texas Instruments UN2003AI Datasheet HTML 8Page - Texas Instruments UN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Electrical Characteristics
ULN2003AI
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS054B – JULY 2003 – REVISED FEBRUARY 2005
at 25
°C free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Collector-emitter voltage
50
V
Clamp diode reverse voltage(2)
50
V
VI
Input voltage(2)
30
V
Peak collector current(3)(4)
500
mA
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
TA
Operating free-air temperature range
–40
105
°C
D package
73
θ
JA
Package thermal impedance(3)(4)
N package
67
°C/W
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
T
A = 25°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IC = 200 mA
2.4
VI(on)
On-state input voltage
5
VCE = 2 V
IC = 250 mA
2.7
V
IC = 300 mA
3
II = 250 µA,
IC = 100 mA
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
4
II = 350 µA,
IC = 200 mA
1
1.3
V
II = 500 µA,
IC = 350 mA
1.2
1.6
ICEX
Collector cutoff current
1
VCE = 50 V,
II = 0
50
µA
VF
Clamp forward voltage
7
IF = 350 mA
1.7
2
V
II(off)
Off-state input current
2
VCE = 50 V,
IC = 500 µA
50
65
µA
II
Input current
3
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
6
VR = 50 V
50
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com