Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 19Page - STMicroelectronics M29DW128F Datasheet HTML 20Page - STMicroelectronics M29DW128F Datasheet HTML 21Page - STMicroelectronics M29DW128F Datasheet HTML 22Page - STMicroelectronics M29DW128F Datasheet HTML 23Page - STMicroelectronics M29DW128F Datasheet HTML 24Page - STMicroelectronics M29DW128F Datasheet HTML 25Page - STMicroelectronics M29DW128F Datasheet HTML 26Page - STMicroelectronics M29DW128F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
M29DW128F
5 Software Protection
23/93
5
Software Protection
The M29DW128F has two different Software Protection modes: the Standard Protection mode
and the Password Protection mode.
On first use all parts default to the Standard Protection mode and the customer is free to
activate the Standard or the Password Protection mode.
The desired protection mode is activated by setting one of two one-time programmable bits, the
Standard Protection Mode Lock bit or the Password Protection Mode Lock bit. Programming
the Standard and the Password Protection Mode Lock bit to ‘1’ will permanently activate the
Standard Protection mode and the Password Protection mode, respectively. These two bits are
one-time programmable and non-volatile, once the Protection mode has been programmed, it
cannot be changed and the device will permanently operate in the selected Protection mode. It
is recommended to activate the desired Software Protection mode when first programming the
device.
The device is shipped with all blocks unprotected. The Block Protection Status can be read by
issuing the Auto Select command (see Table 10: Block Protection Status).
The Standard and Password Protection modes offer two levels of protection, a Block Lock/
Unlock protection and a Non-Volatile protection.
For the four outermost parameter blocks, an even higher level of block protection can be
achieved by locking the blocks using the Non-Volatile Protection and then by holding the VPP/
WP pin Low.
5.1
Standard Protection Mode
5.1.1
Block Lock/Unlock Protection
It is a flexible mechanism to protect/unprotect a block or a group of blocks from program or
erase operations.
A volatile Lock bit is assigned to each block or group of blocks. When the lock bit is set to ‘1’ the
associated block or group of blocks is protected from program/erase operations, when the Lock
bit is set to ‘0’ the associated block or group of blocks is unprotected and can be programmed
or erased.
The Lock bits can be set (‘1’) and cleared (‘0’) individually as often as required by issuing a Set
Lock Bit command and Clear Lock bit command, respectively.
After a Power-up or Hardware Reset, all the Lock bits are cleared to ‘0’ (block unlocked).
5.1.2
Non-Volatile Protection
A Non-Volatile Modify Protection bit is assigned to each block or group of blocks.
When a Non-Volatile Modify Protection bit is set to ‘1’ the associated block or group of blocks is
protected, preventing any program or erase operations in this block or group of blocks.
The Non-Volatile Modify Protection bits are set individually by issuing a Set Non-Volatile Modify
Protection Bit command. They are non-volatile and will remain set through a hardware reset or
a power-down/power-up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com