Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 31Page - STMicroelectronics M29DW128F Datasheet HTML 32Page - STMicroelectronics M29DW128F Datasheet HTML 33Page - STMicroelectronics M29DW128F Datasheet HTML 34Page - STMicroelectronics M29DW128F Datasheet HTML 35Page - STMicroelectronics M29DW128F Datasheet HTML 36Page - STMicroelectronics M29DW128F Datasheet HTML 37Page - STMicroelectronics M29DW128F Datasheet HTML 38Page - STMicroelectronics M29DW128F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
M29DW128F
6 Command Interface
35/93
Three bus write cycles are necessary to issue the command:
1.
The first bus cycle sets up the command.
2.
The second bus cycle latches the Address and the Data of the first Byte to be written.
3.
The third bus cycle latches the Address and the Data of the second Byte to be written and
starts the Program/Erase Controller.
6.2.7
Quadruple Byte Program command
This is used to write four adjacent Bytes in x8 mode, simultaneously. The addresses of the four
Bytes must differ only in A0, DQ15A-1.
Five bus write cycles are necessary to issue the command.
1.
The first bus cycle sets up the command.
2.
The second bus cycle latches the Address and the Data of the first Byte to be written.
3.
The third bus cycle latches the Address and the Data of the second Byte to be written.
4.
The fourth bus cycle latches the Address and the Data of the third Byte to be written.
5.
The fifth bus cycle latches the Address and the Data of the fourth Byte to be written and
starts the Program/Erase Controller.
6.2.8
Octuple Byte Program command
This is used to write eight adjacent Bytes, in x8 mode, simultaneously. The addresses of the
eight Bytes must differ only in A1, A0 and DQ15A-1.
Nine bus write cycles are necessary to issue the command:
1.
The first bus cycle sets up the command.
2.
The second bus cycle latches the Address and the Data of the first Byte to be written.
3.
The third bus cycle latches the Address and the Data of the second Byte to be written.
4.
The fourth bus cycle latches the Address and the Data of the third Byte to be written.
5.
The fifth bus cycle latches the Address and the Data of the fourth Byte to be written.
6.
The sixth bus cycle latches the Address and the Data of the fifth Byte to be written.
7.
The seventh bus cycle latches the Address and the Data of the sixth Byte to be written.
8.
The eighth bus cycle latches the Address and the Data of the seventh Byte to be written.
9.
The ninth bus cycle latches the Address and the Data of the eighth Byte to be written and
starts the Program/Erase Controller.
6.2.9
Unlock Bypass command
The Unlock Bypass command is used in conjunction with the Unlock Bypass Program
command to program the memory faster than with the standard program commands. When the
cycle time to the device is long, considerable time saving can be made by using these
commands. Three Bus Write operations are required to issue the Unlock Bypass command.
Once the Unlock Bypass command has been issued the bank enters Unlock Bypass mode.
When in Unlock Bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset
commands are valid. The Unlock Bypass Program command can then be issued to program
addresses within the bank, or the Unlock Bypass Reset command can be issued to return the
bank to Read mode. In Unlock Bypass mode the memory can be read as if in Read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com