Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 34Page - STMicroelectronics M29DW128F Datasheet HTML 35Page - STMicroelectronics M29DW128F Datasheet HTML 36Page - STMicroelectronics M29DW128F Datasheet HTML 37Page - STMicroelectronics M29DW128F Datasheet HTML 38Page - STMicroelectronics M29DW128F Datasheet HTML 39Page - STMicroelectronics M29DW128F Datasheet HTML 40Page - STMicroelectronics M29DW128F Datasheet HTML 41Page - STMicroelectronics M29DW128F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
6 Command Interface
M29DW128F
38/93
the Read mode where commands issued to the Boot Block Address space will address the
Boot Blocks.
Note that when the device is in the Extended Block mode, the VPP/WP pin cannot be used for
fast programming and the Unlock Bypass mode is not available.
The Extended Block cannot be erased, and can be treated as one-time programmable (OTP)
memory. In Extended Block mode only array cell locations (Bank A) with the same addresses
as the Extended Block are not accessible. In Extended Block mode dual operations are allowed
and the Extended Block physically belongs to Bank A.
In Extended Block mode, Erase, Chip Erase, Erase Suspend and Erase resume commands are
not allowed.
To exit from the Extended Block mode the Exit Extended Block command must be issued.
The Extended Block can be protected by setting the Extended Block Protection Bit to ‘1’;
however once protected the protection cannot be undone.
6.3.2
Exit Extended Block command
The Exit Extended Block command is used to exit from the Extended Block mode and return
the device to Read mode. Four Bus Write operations are required to issue the command.
6.3.3
Set Extended Block Protection Bit command
The Set Extended Block Protection Bit command programs the Extended Block Protection bit to
‘1’ thus preventing the second section of the Extended Block from being programmed.
A Read/Reset command must be issued to abort a Set Extended Block Protection Bit
command.
Six successive steps are required to issue the Set Extended Block Protection Bit command.
1.
The command starts with two unlock cycles.
2.
The third Bus Write cycle sets up the Set Extended Block Protection Bit command.
3.
The fourth Bus Write Cycle programs the Extended Block Protection bit to ‘1’.
4.
The last two cycles verify the value programmed at the Extended Block Protection bit
address: if bit DQ0 of Data Inputs/Outputs is set to ’1’, it indicates that the Extended Block
Protection bit has been successfully programmed. If DQ0 is ‘0’, the Set Extended Block
Protection Bit command must be issued and verified again.
6.3.4
Verify Extended Block Protection Bit command
The Verify Extended Block Protection Bit command reads the status of the Extended Block
Protection bit on bit DQ0 of the Data Inputs/Outputs. If DQ0 is ‘1’, the second section of the
Extended Block is protected from program operations.
6.3.5
Password Program command
The Password Program Command is used to program the 64-bit Password used in Password
Protection mode.
Four cycles are required to program the Password:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the Password Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com