Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KI013P Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI013P
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI013P Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KI013P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel Enhancement MOSFET
Features
VDS (V) =-20V
RDS(ON)
130m
(VGS =-4.5V)
RDS(ON)
190m
(VGS =-2.5V)
Absolute Maximum Ratings Ta = 25
G
S
D
2
3
1
KI013P
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±8
Continuous Drain Current *1
Ta=25
-2.3
Ta=70
-1.5
Pulsed Drain Current *2
IDM
-10
Power Dissipation *1
Ta=25
1.25
Ta=70
0.8
Thermal Resistance.Junction- to-Ambient *1
100
Thermal Resistance.Junction- to-Ambient *3
166
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55to150
*1 Surface Mounted on FR4 Board, t
5 sec.
*2 Pulse width limited by maximum junction temperature.
*3 Surface Mounted on FR4 Board.
RthJA
ID
PD
A
V
/W
W
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Gate
2.Source
3.Drain
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01


Similar Part No. - KI013P

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI010NDS KEXIN-KI010NDS Datasheet
370Kb / 1P
N-Channel MOSFET
KI015P KEXIN-KI015P Datasheet
423Kb / 4P
P-Channel MOSFET
KI016N KEXIN-KI016N Datasheet
277Kb / 4P
N-Channel MOSFET
More results

Similar Description - KI013P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com