Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KI013P Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI013P
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI013P Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KI013P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel Enhancement MOSFET
Typical Characterisitics
On-Resistance vs. Drain Current
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
t
u
p
t
u
O
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
01
2
3
45
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T C =- 55C
125 C
0, 0.5, 1 V
2.5 V
V GS =5,4.5,4,3.5,3V
1.5 V
2V
0
200
400
600
800
1000
0369
12
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
0
50
100
150
0
1
2
3
4
5
02468
0.0
0.1
0.2
0.3
0.4
0.5
0.6
02
4
6
8
10
Gate Charge
Q
- Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
C rss
C oss
C iss
V DS =6V
I D =2.8 A
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction T emperature
V GS =4.5 V
I D =2.8 A
TJ - Junction Temperature ( C)
V GS =2.5 V
V GS =4.5 V
25 C
KI013P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com