Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KI013P Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI013P
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI013P Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KI013P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KI013P Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel Enhancement MOSFET
Typical Characterisitics
0.01
0.10
1.00
10.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
0
50
100
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
02468
Source-Drain Diode Forward V oltage
On-Resistance vs. Gate-to-Source
Voltage
Threshold V oltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10 -4
10 -3
10 -2
10 -1
1
30
VSD
V
)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
-
GS - Gate-to-Source Voltage (V)
TJ - Temperature ( C)
Time (sec)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID =2.8 A
ID = 250 A
10
1
10
T C =25 C
Single Pulse
14
12
8
4
0
T J =25 C
T J =150 C
2
6
10
KI013P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com