Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5097 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5097
Description  12V Interface Current Limiter and Integrated Low Linear Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5097 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA5097 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA5097
www.ETAsolution.com
Powering minds of the smarts
1
12V Interface Current Limiter and Integrated Low-Power 12V/200mA LDO
Linear Regulator
DESCRIPTION
The ETA5097 is a current limiting device designed specifically for the 12V interface and comes with a 12V linear regulator with a 200mA load.
The ETA5097's interface current limiter allows the output to be short-circuited while the input is still maintained. This maintains the internal
power supply and provides a 200mA LDO with adjustable output voltage. The ETA6097 integrates various protection functions such as over-
current protection, short circuit protection, over-temperature protection and more.
FEATURES
Wide input voltage range of 5-16V
Interface current limiter support >600mA load
12V-to-5V LDO support >200mA load
LDO feedback voltage of 1.1V
Power consumption of 130uA
SOT23-6 and SOP8 packages
APPLICATIONS
Smart meter
Instrumentation
Other 12V voltage interface applications
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
ETA5097S2G
SOT23-6
JHYW
ETA5097S8A
SOP8
ETA5097
TYPICAL APPLICATION


Similar Part No. - ETA5097

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5095 ETA-ETA5095 Datasheet
467Kb / 9P
40V Input, 150mA Linear Regulator
ETA5095S2F ETA-ETA5095S2F Datasheet
467Kb / 9P
40V Input, 150mA Linear Regulator
ETA5095V33S2F ETA-ETA5095V33S2F Datasheet
467Kb / 9P
40V Input, 150mA Linear Regulator
ETA5095V33S8D ETA-ETA5095V33S8D Datasheet
467Kb / 9P
40V Input, 150mA Linear Regulator
ETA5095V50S2F ETA-ETA5095V50S2F Datasheet
467Kb / 9P
40V Input, 150mA Linear Regulator
More results

Similar Description - ETA5097

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE967 NTE-NTE967 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
logo
Maxim Integrated Produc...
MAX5944 MAXIM-MAX5944 Datasheet
812Kb / 15P
Dual FireWire Current Limiter and Low-Drop ORing
Rev 0; 10/04
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
List of Unclassifed Man...
PS22921 ETC2-PS22921 Datasheet
468Kb / 8P
12V, 500mA Fast Transient Response Linear Regulator
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680_13 Datasheet
204Kb / 20P
Linear Current Regulator
March, 2013 ??Rev. 6
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
250mA Low- Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLF4277EL INFINEON-TLF4277EL Datasheet
1Mb / 22P
Low Drop Out Linear Voltage Regulator Integrated Current Monitor TLF4277EL
Rev. 1.02, 2011-07-05
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
STMicroelectronics
RHRPMICL1A STMICROELECTRONICS-RHRPMICL1A Datasheet
1,020Kb / 31P
Rad-hard integrated current limiter
01-Oct-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com