Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8111 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8111
Description  No stroboscopic linear constant current LED driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8111 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8111 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 8Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8111 Datasheet HTML 9Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TP8111
无频闪线性恒流 LED 驱动
Ver1.4
Shenzhen TPOWER Semiconductor
1
概述
TP8111 是一款单通道线性恒流 LED 驱动芯片,应用于市电
输入的 LED 照明领域。芯片集成高压启动电路以及高压功
率 MOS 管,最高耐压达 700V,可以直接接整流之后的 110V
或 220V 交流市电,应用电路非常简单,无需电感,系统工作
时没有 EMI 的问题,没有 100Hz 频闪。芯片使用专有的线
性恒流控制技术,使得芯片之间的电流精度控制在 5%以
内。
芯片具有 LED 开路保护、LED 短路保护以及温度补偿功能,
使得应用时系统具有最大程度的安全性。
特点
 集成 700V 高压启动电路以及高压功率 MOS
 无需电感
 输入加电容,没有 100Hz 频闪
 输入不加电容,PF>0.9
 没有 EMI 问题
 效率:>0.85
 具有 LED 开路以及 LED 短路保护
 120℃高温时 LED 电流温度补偿
 最大输出电流 90mA
 单颗最大输出功率 18W
 封装形式:SOT89-3L/TO252-3L
应用
 LED 日光灯管
 LED 球泡灯
 LED 吸顶灯
 LED 吸顶灯
典型应用电路


Similar Part No. - TP8111

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8113 TPOWER-TP8113 Datasheet
593Kb / 9P
High power factor linear constant current LED driver
More results

Similar Description - TP8111

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Tianyuan Semic...
TP8121 TPOWER-TP8121 Datasheet
471Kb / 8P
Switch dimming stroboscopic linear constant current LED driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
Segmented linear constant current LED driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com