Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AC Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP05AC
Description  5W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AC Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP05AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP05AC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 3 of 3
PERATURE DERATING GR
DESIGN REFERENCE 
EMC solution-recommended circuit PCB layout
图
3
Note: Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and ground ≥6mm
Element model
Recommended value C2(μF))
1
MOV
14D561K
CX
0.1μF/275VAC
L1
4.7uH/2.0A
CY1
1nF/400VAC
CY2
1nF /400VAC
LCM
2.2mH
FUSE
1A/250V, slow fusing, necessary
  MECHANICAL DIMENSIONS 
PIN CONNECTIONS 
DIP Package
Pin
Single output
1
N
2
L
3
+V0
4
-V0
MODEL SELECTION
TP
05
A C
220 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
20.32
15.16
6.00
25.40
10.16
50.80
45.72
bottom view
2
1
3
4
Units:mm
Tolerance:±0.2mm
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com