Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AC Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP05AC
Description  5W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AC Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP05AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP05AC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 2 of 3
ENVIRONMENT CHARACTERISTICS 
Parameter
Conditions
Min.
Typ.
Max.
Units
Olation Voltage Input-output
Test time: 1min
4000
VAC
Operating Temperature
-40
+70
Storage Temperature
-40
+85
Storage Humidity
85
% .RH max
Switching Frequency
140
kHz
Power Derating
+55
℃~+70℃
2.0
%/℃
Power Derating
+0
℃~-25℃
2.0
%/℃
MTBF
MIL-HDBK-217F@25℃>300,000 h
EMC SPECIFICATIONS 
EMI
CE
CISPR22/EN55022, CLASS B
EMI
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2 ±6KV/8KV
perf. Criteria B
EMS
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4 ± 2kV
perf. Criteria B
EMS
EFT
IEC/EN61000-4-4 ± 4kV (See Fig. 2 for recommended circuit)
perf. Criteria B
EMS
Surge
IEC/EN61000-4-5 ±1KV
perf. Criteria B
EMS
Surge
IEC/EN61000-4-5 ±2KV/±4KV (See Fig. 2 for recommended circuit) perf. Criteria B
EMS
CS
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
EMS
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
EMS
Voltage dips, short interruptions and
voltage variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B
DESIGN REFERENCE 
1、 Typical application circuit
Model
C1(μF))
C2(μF))
TP05AC220S05W
1
220
TP05AC220S09W
1
220
TP05AC220S12W
1
100
TP05AC220S15W
1
100
TP05AC220S24W
1
47
Note: Output filtering capacitor C2 is a electrolytic capacitor, it is recommended to use high frequency and low impedance electrolytic capacitor. For capacitance
and current of capacitor please refer to manufacture’s datasheet. Output capacitor withstand voltage derating should be 80% or above. C1 is ceramic capacitor,
which is used to filter high-frequency noise. External input NTC is recommended to use 12D-5; External input MOV is recommended to use S14K350.
2、
EMC solution-recommended circuit
Case temperature shall not exceed the maximum case temperature.
Fig
.1
Fig
.2
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com