Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05AC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP05AC
Description  5W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP05AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP05AC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The rated output power of TP05AC series is 5W with wide input voltage range, for both AC
input and DC input application. High reliability, precision, large power density, ultra-small size,
no external heat sink required, stable output voltage and etc, with over current protection, EMI
filter circuit, the rectifier filter circuit, 4000V isolation voltage, short circuit, overload, internal
thermal protection. Widely used in telecommunications, industrial control, instrument, data
acquisition, signal control and other electronic systems.
5W 4KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT SPECIFICATIONS 
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accurac
±2
%
Line Regulation
Full load
±0.5
%
Load Regulation
10%-100% load
±1
%
Short Circuit Protection
Hiccup, continuous, self-recovery
Ripple & Noise
20MHz bandwidth (peak-peak value)
50
100
mv
Temperature Coefficient
±0.02
%/℃
Stand-by Power Consumption
0.3
W
Over-current Protection
≥110%Io self-recovery
Over-voltage Protection
Over-voltage shutdown
Hold-up Time
110VAC input
12
ms
Hold-up Time
230VAC input
80
ms
FEATURES
Universal input voltage range
AC and DC dual-use
Wide input voltage: 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature: -40℃ to 70℃
SELECTION GUIDE
Part Number
Input
Output
Efficiency (Typ. )
%
Voltage(VAC)
Voltage(VDC)
Current(A)
Voltage VAC
Voltage VDC
TP05AC220S03W
85-300
110-370
3.3
1.00
64
TP05AC220S05W
85-300
110-370
5
1.00
69
TP05AC220S09W
85-300
110-370
9
0.55
73
TP05AC220S12W
85-300
110-370
12
0.42
75
TP05AC220S15W
85-300
110-370
15
0.33
76
TP05AC220S24W
85-300
110-370
24
0.23
78
INPUT SPECIFICATIONS 
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
AC input
110
220
375
VDC
Input Voltage Range
DC input
85
220
300
VAC
Input Frequency
47
63
HZ
Input Current
110VAC
150
mA
Input Current
230VAC
70
mA
Inrush Current
110VAC
10
A
Inrush Current
230VAC
20
A
Recommended External Input Fuse(Special
package series include fuse)
1A/250V, slow fusing, necessary
Hot Plug
Unavailable
TOPPOWER


Similar Part No. - TP05AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP05AC220S05W TOPPOWER-TP05AC220S05W Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP05AC220S05W TOPPOWER-TP05AC220S05W Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP05AC220S06W TOPPOWER-TP05AC220S06W Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP05AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_17 Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP07AC TOPPOWER-TP07AC Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP15AC TOPPOWER-TP15AC Datasheet
741Kb / 3P
15W 4KVAC Isolation Wide Input AC/DC Converters
TP05AL TOPPOWER-TP05AL_19 Datasheet
789Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AL_19 TOPPOWER-TP05AL_19_04 Datasheet
847Kb / 3P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com