Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65API-10 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HN58V65API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HN58V65API-10 Datasheet HTML 3Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 4Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 9Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 10Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 7 of 26
Capacitance (Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance
Cin*
1
6
pF
Vin = 0 V
Output capacitance
Cout*
1
12
pF
Vout = 0 V
Note:
1. This parameter is sampled and not 100% tested.
AC Characteristics
(Ta =
−40 to +85°C, V
CC = 2.7 to 5.5 V: HN58V65AI/HN58V66AI,
Ta =
−20 to +85°C, V
CC = 2.7 to 5.5 V: HN58V65A-SR/HN58V66A-SR)
Test Conditions
• Input pulse levels :
0.4 V to 2.4 V (VCC = 2.7 to 3.6 V), 0.4 V to 3.0 V (VCC = 3.6 to 5.5 V)
0 V to VCC (RES pin*
2)
• Input rise and fall time : ≤ 5 ns
• Input timing reference levels : 0.8, 1.8 V
• Output load : 1TTL Gate +100 pF
• Output reference levels : 1.5 V, 1.5 V
Read Cycle 1 (2.7
≤ V
CC
< 4.5 V)
HN58V65AI/HN58V66AI
HN58V65A-SR/HN58V66A-SR
-10
Parameter
Symbol
Min
Max
Unit Test conditions
Address to output delay
tACC
100
ns
CE = OE = V
IL, WE = VIH
CE to output delay
tCE
100
ns
OE = V
IL, WE = VIH
OE to output delay
tOE
10
50
ns
CE = V
IL, WE = VIH
Address to output hold
tOH
0
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*1 t
DF
0
40
ns
CE = V
IL, WE = VIH
RES low to output float*1, 2
tDFR
0
350
ns
CE = OE = V
IL, WE = VIH
RES to output delay*2
tRR
0
450
ns
CE = OE= V
IL, WE = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com