Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65API-10 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HN58V65API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HN58V65API-10 Datasheet HTML 20Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 21Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 22Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 23Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 24Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 25Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 26Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 27Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Revision History
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series Data Sheet
Contents of Modification
Rev.
Date
Page
Description
0.0
Mar. 12, 1997
Initial issue
1.0
Aug. 29, 1997
7
11
19
Addition of HN58V65A-SR/HN58V66A-SR
AC Characteristics
Input pulse level: 0.4 V to VCC to 0 V to VCC
Timing Waveform
Read Timing Waveform: Correct error
Functional Description
Data Protection 3.: Addition of description
2.0
Oct. 31, 1997
6
DC Characteristics
ICC3 (max): 6/10/12/25 mA to 6/10/15/25 mA
3.00
Feb. 02, 2004
2
24-26
Ordering Information
Addition of HN58V65API-10E, HN58V66API-10E,
HN58V65AFPI-10E, HN58V66AFPI-10E,
HN58V65ATI-10E, HN58V66ATI-10E, HN58V65AT-10SRE,
HN58V66AT-10SRE
Package Dimensions
DP-28 to DP-28, DP-28V
FP-28D to FP-28D, FP-28DV
TFP-28DB to TFP-28DB, TFP-28DBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com