Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65API-10 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HN58V65API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HN58V65API-10 Datasheet HTML 16Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 17Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 18Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 19Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 20Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 21Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 22Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 23Page - Renesas Technology Corp HN58V65API-10 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 20 of 26
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of
WE or CE, and data is latched by the
rising edge of
WE or CE.
Write/Erase Endurance and Data Retention Time
The endurance is 10
5 cycles in case of the page programming and 104 cycles in case of the byte
programming (1% cumulative failure rate). The data retention time is more than 10 years when a device is
page-programmed less than 10
4 cycles.
Data Protection
To prevent this phenomenon, this device has a noise cancellation function that cuts noise if its width is 15
ns or less.
1. Data Protection against Noise on Control Pins (
CE, OE, WE) during Operation
During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to
programming mode by mistake. Be careful not to allow noise of a width of more than 15 ns on the
control pins.
WE
CE
OE
V
0 V
V
0 V
15 ns max
IH
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com