Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-EKB Datasheet(PDF) 61 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 61 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 57Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 58Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 59Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 60Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 61Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 62Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 65Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
Version 2.2
61
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Refresh Command
The Refresh command (REF) is used during normal operation of the DDR3(L) SDRAMs. This command is not persistent,
so it must be issued each time a refresh is required. The DDR3(L) SDRAM requires Refresh cycles at an average periodic
interval of tREFI. When
, RA, and A are held Low and WE High at the rising edge of the clock, the chip enters a
Refresh cycle. All banks of the SDRAM must be precharged and idle for a minimum of the precharge time tRP(min) before
the Refresh Command can be applied. The refresh addressing is generated by the internal refresh controller. This makes
the address bits “Don’t Care” during a Refresh command. An internal address counter suppliers the address during the
refresh cycle. No control of the external address bus is required once this cycle has started. When the refresh cycle has
completed, all banks of the SDRAM will be in the precharged (idle) state. A delay between the Refresh Command and the
next valid command, except NOP or DES, must be greater than or equal to the minimum Refresh cycle time tRFC(min) as
shown in the following figure.
In general, a Refresh command needs to be issued to the DDR3(L) SDRAM regularly every tREFI interval. To allow for
improved efficiency in scheduling and switching between tasks, some flexibility in the absolute refresh interval is provided.
A maximum of 8 Refresh commands can be postponed during operation of the DDR3(L) SDRAM, meaning that at no point
in time more than a total of 8 Refresh commands are allowed to be postponed. In case that 8 Refresh commands are
postponed in a row, the resulting maximum interval between the surrounding Refresh commands is limited to 9 x tREFI. A
maximum of 8 additional Refresh commands can be issued in advance (“pulled in”), with each one reducing the number of
regular Refresh commands required later by one. Note that pulling in more than 8 Refresh commands in advance does not
further reduce the number of regular Refresh commands required later, so that the resulting maximum interval between two
surrounding Refresh command is limited to 9 x tREFI. Before entering Self-Refresh Mode, all postponed Refresh
commands must be executed.
Self-Refresh Entry/Exit Timing
Postponing Refresh Commands (Example)
CK
CK
T0
T1
Ta0
Tb0
Tb1
Tb3
Ta1
Tb2
NOP
CMD
NOP
REF
Valid
NOP
REF
NOP
Valid
Valid
Valid
Valid
REF
Tc0
Tc1
Valid
tRFC
tRFC(min)
tREFI (max, 9 x tREFI)
DRAM must be idle
DRAM must be idle
Time Break
9 x tREFI
tREFI
tRFC
8 REF-Command postponed
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com