Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-EKB Datasheet(PDF) 65 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 65 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 61Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 62Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 65Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 66Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 67Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 68Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 69Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 160 page
background image
Version 2.2
65
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
The power-down state is synchronously exited when CKE is registered high (along with a NOP or Deselect command).
CKE high must be maintained until tCKE has been satisfied. A valid, executable command can be applied with power-down
exit latency, tXP and/or tXPDLL after CKE goes high. Power-down exit latency is defined at AC spec table of this datasheet.
Active Power-Down Entry and Exit timing diagram
T0
T1
T2
Ta0
Ta1
Tb0
Tb1
Tc0
CK
CK
Valid
NOP
NOP
NOP
NOP
NOP
NOP
CMD
CKE
Valid
Valid
tIS
tIH
tPD
tIH
tIS
tCKE
Address
Valid
Valid
tCPDED
Enter
Power-Down
Exit
Power-Down
tXP
Do not
care
Time
Break
Timing Diagrams for CKE with PD Entry, PD Exit with Read, READ with Auto Precharge, Write and Write with Auto Precharge, Activate,
Precharge, Refresh, MRS:
Power-Down Entry after Read and Read with Auto Precharge
T0
T1
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
CK
CK
RD or
RDA
NOP
NOP
NOP
NOP
NOP
NOP
CMD
CKE
Address
Valid
Valid
Power-Down
Entry
Do not
care
Time
Break
Ta6
Ta7
Ta8
Tb0
Tb1
NOP
NOP
NOP
NOP
NOP
Valid
Valid
tIS
tCPDED
RL = AL + CL
Din
b
Din
b+1
Din
b+2
Din
b+3
Din
b+4
Din
b+5
Din
b+6
Din
b+7
Din
b
Din
b+1
Din
b+2
Din
b+3
tRDPDEN
BL8
BC4
tPD
DQS,
DQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com