Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-EKB Datasheet(PDF) 97 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 97 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 93Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 94Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 95Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 96Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 97Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 98Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 99Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 100Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 101Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
Version 2.2
97
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3L Allowed time before ringback (tDVAC) for CK -
 and DQS - 
Slew Rate
[V/ns]
DDR3L-1066/1333/1600
DDR3L-1866
tDVAC [ps]
@|VIH/Ldiff(AC)| =
320 mV
tDVAC [ps]
@|VIH/Ldiff(AC)| =
270 mV
tDVAC [ps]
@|VIH/Ldiff(AC)| =
270 mV
tDVAC [ps]
@|VIH/Ldiff(AC)| =
250 mV
tDVAC [ps]
@|VIH/Ldiff(AC)| =
260 mV
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
> 4.0
189
-
201
-
163
-
168
-
176
-
4.0
189
-
201
-
163
-
168
-
176
-
3.0
162
-
179
-
140
-
147
-
154
-
2.0
109
-
134
-
95
-
105
-
111
-
1.8
91
-
119
-
80
-
91
-
97
-
1.6
69
-
100
-
62
-
74
-
78
-
1.4
40
-
76
-
37
-
52
-
56
-
1.2
note
-
44
-
5
-
22
-
24
-
1.0
note
-
note
-
note
-
note
-
note
-
< 1.0
note
-
note
-
note
-
note
-
note
-
NOTE 1. Rising input differential signal shall become equal to or greater than VIHdiff(ac) level and Falling input differential signal shall become
equal to or less than VILdiff(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com