Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-EKB Datasheet(PDF) 103 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 103 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 99Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 100Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 101Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 102Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 103Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 104Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 105Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 106Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 107Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 160 page
background image
Version 2.2
103
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Single Ended Output Slew Rate
Description
Measured
Defined by
From
To
Single ended output slew rate for rising edge
VOL(AC)
VOH(AC)
[VOH(AC)-VOL(AC)] / DeltaTRse
Single ended output slew rate for falling edge
VOH(AC)
VOL(AC)
[VOH(AC)-VOL(AC)] / DeltaTFse
Note: Output slew rate is verified by design and characterization, and may not be subject to production test.
Single Ended Output Slew Rate Definition
Delta TFse
Delta TFse
VOH (AC)
VOL (AC)
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com