Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-EKB Datasheet(PDF) 112 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-EKB Datasheet(HTML) 112 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-EKB Datasheet HTML 108Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 109Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 110Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 111Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 112Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 113Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 114Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 115Page - Nanya Technology Corporation. NT5CB64M16GP-EKB Datasheet HTML 116Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 160 page
background image
Version 2.2
112
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Output Driver Temperature and Voltage sensitivity
If temperature and/or voltage after calibration, the tolerance limits widen according to the following table.
Delta T = T - T(@calibration); Delta V = VDDQ - VDDQ(@calibration); VDD = VDDQ
Note: dRONdT and dRONdV are not subject to production test but are verified by design and characterization.
Output Driver Sensitivity Definition
Items
Min.
Max.
Unit
RONPU@VOHdc
0.6 - dRONdTH*lDelta Tl - dRONdVH*lDelta Vl
1.1 + dRONdTH*lDelta Tl - dRONdVH*lDelta Vl
RZQ/7
RON@VOMdc
0.9 - dRONdTM*lDelta Tl - dRONdVM*lDelta Vl
1.1 + dRONdTM*lDelta Tl - dRONdVM*lDelta Vl
RZQ/7
RONPD@VOLdc
0.6 - dRONdTL*lDelta Tl - dRONdVL*lDelta Vl
1.1 + dRONdTL*lDelta Tl - dRONdVL*lDelta Vl
RZQ/7
Output Driver Voltage and Temperature Sensitivity
Speed Bin
DDR3-800, DDR3(L)-1066/1333
DDR3(L)-1600, 1866
Unit
Items
Min.
Max.
Min.
Max.
dRONdTM
0
1.5
0
1.5
%/
C
dRONdVM
0
0.15
0
0.13
%/mV
dRONdTL
0
1.5
0
1.5
%/
C
dRONdVL
0
0.15
0
0.13
%/mV
dRONdTH
0
1.5
0
1.5
%/
C
dRONdVH
0
0.15
0
0.13
%/mV
Note: These parameters may not be subject to production test. They are verified by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com