Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLFS Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSLFS
Description  Selectable Low Voltage Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLFS Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSLFS Datasheet HTML 1Page - Mixed Signal Integration MSLFS Datasheet HTML 2Page - Mixed Signal Integration MSLFS Datasheet HTML 3Page - Mixed Signal Integration MSLFS Datasheet HTML 4Page - Mixed Signal Integration MSLFS Datasheet HTML 5Page - Mixed Signal Integration MSLFS Datasheet HTML 6Page - Mixed Signal Integration MSLFS Datasheet HTML 7Page - Mixed Signal Integration MSLFS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
6/2014
Electrical Characteristics_______
(VDD = +1.2V, T = 25 C)
o
Web Site “www.mix-sig.com”
© 2004-2014 Mixed Signal Integration 2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Specifications
Operating Voltage
VDD
1
1.2
3.6
V
Supply Current
IDD
VDD = 3.3V
1.5
mA
Supply Current
IDD
VDD = 1.0V
500
uA
Supply Current
IPD
Power Down, PD=1
50
uA
AC Specifications
Gain
Av
-0.5
0
0.5
dB
Noise
To 1/2 Sample
250
uVrms
Distortion
THD
-62
dB
Signal Swing
1 kHz, VDD = 1.2V
800
mV p-p
Input Impedance
ZIN
1
Mohm
Output Drive
Io
1
mA
Output Impedance
Zo
500
ohm
Output Capacitive Load
22
pF
Clock to Corner *
Fo=1
85.3
Hz/Hz
Clock to Corner *
Fo=0
42.65
Hz/Hz
Center Frequency Range
Fo
0.001
6
kHz
Ripple
Elliptic Lowpass
0.2
dB
Full Octave
0.2
dB
Third Octave
0.2
dB
Sixth Octave
0.2
dB
Stop Band Rejection
Elliptic/Butterworth Lowpass
fCLOCK = 2.048 MHz
75
dB
Bessel Lowpass
fCLOCK = 2.048 MHz
65
dB
40 dB Bandwidth
Full Octave
Normalized Fo
0.3
3
Third Octave
Normalized Fo
0.6
1.67
Sixth Octave
Normalized Fo
0.76
1.32
Bandpass Q
Full Octave Q
Q
1.5
Third Octave
Q
4.5
Sixth Octave
Q
9
* External clock is 8X internal clock



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com