Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLFS Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSLFS
Description  Selectable Low Voltage Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLFS Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSLFS Datasheet HTML 1Page - Mixed Signal Integration MSLFS Datasheet HTML 2Page - Mixed Signal Integration MSLFS Datasheet HTML 3Page - Mixed Signal Integration MSLFS Datasheet HTML 4Page - Mixed Signal Integration MSLFS Datasheet HTML 5Page - Mixed Signal Integration MSLFS Datasheet HTML 6Page - Mixed Signal Integration MSLFS Datasheet HTML 7Page - Mixed Signal Integration MSLFS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
6/2014
Description
The selectable lowpass/bandpass filter IC Is a
CMOS chip that can be configured for either
a lowpass or a bandpass filter. The lowpass
response can be a 7 pole Butterworth, Ellip-
tic or Bessel filter. The band pass response
can be a six pole full, third or sixth o c t a v e
bandpass filter. T he device uses switched-
capacitor filters and no external components
(except for decoupling capacitors) are re-
quired, Only an external clock is needed.
An externally selectable gain setting pin, a
power down pin and clock to corner ratio se-
lect pin are included. Typical current consump-
tion is as low as 500 uA
and the minimum
operating voltage is 1.0 volts, making the de-
vice ideal for portable applications. There is
also an on chip op amp that can be used to
provide additional gain.
Features
Six Filter Types In One Package
No External Components
Switched-Capacitor Filters
Low Power Operation
Low Voltage Operation
Adjustable Gain 0, 6 or 12 dB
Small Package Size
Low Cost
On Chip Power Save Pin
ANSI Compatible Bandpass
Applications
Spectrum Analyzers
General Purpose Systems
Portable Systems
Anti-Alias Filters
Reconstruction Filters
Telecommunications
Tracking Filters
Harmonic Analysis
Noise Analysis
Data Communication
Wireless Applications
Lowpass Responses
Bandpass Responses
Web Site “www.mix-sig.com”
© 2004-2014 Mixed Signal Integration 1


Similar Part No. - MSLFS

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154BV UOT-MSL-154BV Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154DR UOT-MSL-154DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154G UOT-MSL-154G Datasheet
34Kb / 2P
Surface Mount Chip LEDs
More results

Similar Description - MSLFS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Mixed Signal Integratio...
MS2LFS MSI-MS2LFS Datasheet
188Kb / 5P
Dual Selectable Low Voltage Lowpass/Bandpass Filter
MSFB1-6G MSI-MSFB1-6G Datasheet
111Kb / 4P
Bandwidth/Gain Selectable Bandpass Filter
MSFS MSI-MSFS Datasheet
96Kb / 8P
Selectable Lowpass/Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com