Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLFS Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSLFS
Description  Selectable Low Voltage Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLFS Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSLFS Datasheet HTML 1Page - Mixed Signal Integration MSLFS Datasheet HTML 2Page - Mixed Signal Integration MSLFS Datasheet HTML 3Page - Mixed Signal Integration MSLFS Datasheet HTML 4Page - Mixed Signal Integration MSLFS Datasheet HTML 5Page - Mixed Signal Integration MSLFS Datasheet HTML 6Page - Mixed Signal Integration MSLFS Datasheet HTML 7Page - Mixed Signal Integration MSLFS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
6/2014
Block Diagram________________
Digital Levels
All the clock and control pins are referenced
between VSS and VDD. In single supply appli-
cations, the digital levels should be CMOS lev-
els from VSS to VDD. The tertiary controls (pins
- TYPE and GAIN) should be set at VSS, VREF or
VDD depending on the filter type or gain de-
sired.
Ordering Information__________
Part Number
Package
MSLFSP
16 Pin DIP
MSLFSS
16 Pin SOIC
Absolute Maximum Ratings
Power Supply Voltage
+5V
Storage Temperature
-60 to +150 C
Operating Temperature
0 to 70 C
Web Site “www.mix-sig.com”
© 2004-2014 Mixed Signal Integration 4
Mixed Signal Integration Corporation reserves the right to to change any product or specification without notice at any time. Mixed Signal Integration
products are not designed or authorized for use in life support systems. Mixed Signal Integration assumes no responsibility for errors in this docu-
ment.
FSEL
TYPE
GAIN
MICOUT
MICIN
SCF
Out
Section
VREF
One
Clock
PD
Fo
CTVL
Adjustable
Gain
SCF
Section
Two
SCF
Section
Three
SCF
Lowpass
Buffer
Clock
Divider
Low
Voltage
Circuitry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com