Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5342 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV5342
Description  TELETEXT DECODER WITH 4 INTERGATED PAGES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5342 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV5342 Datasheet HTML 9Page - STMicroelectronics STV5342 Datasheet HTML 10Page - STMicroelectronics STV5342 Datasheet HTML 11Page - STMicroelectronics STV5342 Datasheet HTML 12Page - STMicroelectronics STV5342 Datasheet HTML 13Page - STMicroelectronics STV5342 Datasheet HTML 14Page - STMicroelectronics STV5342 Datasheet HTML 15Page - STMicroelectronics STV5342 Datasheet HTML 16Page - STMicroelectronics STV5342 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
D0
PU0
PT0
MU0
MT0
HU0
HT0
C7
C11
MAG0
0
D1
PU1
PT1
MU1
MT1
HU1
HT1
C8
C12
MAG1
0
D2
PU2
PT2
MU2
MT2
HU2
C5
C9
C13
MAG2
0
D3
PU3
PT3
MU3
C4
HU3
C6
C10
C14
0
0
D4
HAM
HAM
HAM
HAM
HAM
HAM
HAM
HAM
FOUND
0
D5
000000000
PBLF
D6
0000000000
D7
0000000000
COLUMN
0123456789
Page number : - MAG = magazine, PU = page units, PT = page tens.
Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens.
PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits.
Table 1 : Row 25 received page control data format
8/30 READING
8/30 packet is read at row 23 equivalent address.
R8 register must be programmed with D3, D2,
D0 = 0 and D2 = 1 (8/30 selection).
R9 register must be programmed with 23 (17h).
R10 register value corresponds to the position of
the byte to be read (from 0 to 39).
R11A contents the value of the needed byte.
D7
D6
D5
D4
D3
D2
D1
D0
*
*
*
*
*
EVEN
OFF
TC
SEL11B
R0
Mode 0
TA
7 + P/
8 BIT
ACQ.
ON/OFF
8/30
ENABLE
DEW/
FULL
FIELD
TCS
ON
T1
T0
R1
Mode 1
*
*
ACQ
CCT
A1
ACQ.
CCT
A0
TB
START
COLUMN
SC2
START
COLUMN
SC1
START
COLUMN
SC0
R2
Page request adress
*
*
*
PRD4
PRD3
PRD2
PRD1
PRD0
R3
Page request data
*
*
*
*
**A1
A0
R4
Display chapter
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R5
Display control (normal)
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R6
Display control
(newsflash / subtitle)
STATUS
ROW
BTM/TOP
CURSOR
ON
CONCEAL/
REVEAL
TOP/
BOTTOM
SINGLE/
DOUBLE
HEIGHT
BOX ON
24
BOX ON
1-23
BOX ON
0
R7
Display mode
*
*
*
*
CLEAR
MEM.
8/30
SELECT
A1
A0
R8
Active chapter
*
*
*
R4
R3R2R1
R0
R9
Active row
*
*
C5
C4
C3
C2
C1
C0
R10
Active column
D7
(R/W)
D6
(R/W)
D5
(R/W)
D4
(R/W)
D3
(R/W)
D2
(R/W)
D1
(R/W)
D0
(R/W)
R11A
Active data
60Hz
0
0
0
0
0
0
VCS
signal
quality
R11B
Status
* Reserved register bits : must be set to 0
↵
↵
↵
↵
↵
↵
↵
↵
Table 2 : Register specification
REGISTER MAP (see Table 2)
Registers R0 to R10 are write only whilst R11A is a
read/write and R11B is a read only register respect
to the microprocessor.
The automatic succession on a byte basis is indi-
cated by the arrows in Table 2.
In the normal operating mode TA, TB and TC
should be set to logic level 0.
After power-up the contents of the registers are as
follows : all bits in registers R0 to R11A are cleared
to zero with the exception of bits D0 and D1 in
registers R5 and R6 which are set to logical one.
After power-up all the memory bytes are preset to
hexadecimalvalue 20 H (space) with the exception
of the byte corresponding to row 0 of column 7 of
chapter 0 which is set to the value corresponding
to ”alpha white” hexadecimal value 07 H.
STV5342
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com