Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5342 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5342
Description  TELETEXT DECODER WITH 4 INTERGATED PAGES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5342 Datasheet(HTML) 3 Page - STMicroelectronics

  STV5342 Datasheet HTML 1Page - STMicroelectronics STV5342 Datasheet HTML 2Page - STMicroelectronics STV5342 Datasheet HTML 3Page - STMicroelectronics STV5342 Datasheet HTML 4Page - STMicroelectronics STV5342 Datasheet HTML 5Page - STMicroelectronics STV5342 Datasheet HTML 6Page - STMicroelectronics STV5342 Datasheet HTML 7Page - STMicroelectronics STV5342 Datasheet HTML 8Page - STMicroelectronics STV5342 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DATA
CLOC K
RED
GREEN
BLUE
SCL
SDA
TTC
TTD
F6
VCS
SAND
TCS/
SCS
V
DD
VSS
YBLAN
COR ODD/
EVEN
Pins 22 to 40 and
Pins 2 to 5 not used
4 PAGES
INTERNAL
MEMORY
EXTERNAL
MEMORY
INTERFACE
TIME BASE
DATA ACQUISITION
&
DATA PROCESSING
DISPLAY &
CONTROL
INTERFACE
I C BUS
INTERFACE
2
9
7
6
19
20
121
18
17
16
8
15
14
13
10
11
12
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Power Supply Range
-0.3, +6.0
V
INPUT VOLTAGE RANGE :
VI
VCS,SDA,SCL,D0-D7
-0.3, VDD + 0.5
V
VI
TTD,F 6,TCS/SCS,TT C
-0.3, +10
V
OUTPUT VOLTAGE RANGE :
VO
SAND,SDA,ODD/EVEN,R,G,B
-0.3 , VDD
V
VO
BLAN,COR, Y, TCS/SCS
-0.3 , VDD
V
Tstg
Storage Temperature Range
-20, +125
oC
TA
Operating Ambient Temperature Range
-20, +70
oC
ELECTRICAL CHARACTERISTICS
VDD = 5V, VSS = 0V, TA = - 20 to + 70
oC
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage (Pin 1)
4.5
5
5.5
V
IDD
Supply Current (operating mode)
15
40
mA
STV5342
3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com