Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5342 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5342
Description  TELETEXT DECODER WITH 4 INTERGATED PAGES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5342 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5342 Datasheet HTML 1Page - STMicroelectronics STV5342 Datasheet HTML 2Page - STMicroelectronics STV5342 Datasheet HTML 3Page - STMicroelectronics STV5342 Datasheet HTML 4Page - STMicroelectronics STV5342 Datasheet HTML 5Page - STMicroelectronics STV5342 Datasheet HTML 6Page - STMicroelectronics STV5342 Datasheet HTML 7Page - STMicroelectronics STV5342 Datasheet HTML 8Page - STMicroelectronics STV5342 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STV5342
TELETEXT DECODER WITH 4 INTEGRATED PAGES
April 1994
.
COMPLETE TELETEXT DECODER INCLUD-
ING ON-CHIP 4 PAGES MEMORY, REDUC-
ING EMC RADIATIONS
.
UPWARD
SOFTWARE AND HARDWARE
COMPATIBLE WITH PREVIOUS SGS-THOM-
SON’s DECODER SDA5243
.
AUTOMATIC SELECTION OF UP TO SIX NA-
TIONAL LANGUAGES
.
4 SIMULTANEOUS PAGE REQUESTS
.
DISPLAY OF THE 25TH STATUS ROW
.
MICROPROCESSOR CONTROL VIA AN I
2C
BUS (SLAVE ADDRESS 0010001 R/W)
.
DATA
ACQUISITION
AVAILABLE
FROM
LINES 2 TO 22 OR FROM A COMPLETE
FIELD
.
HIGH QUALITY DISPLAY USING A CHARAC-
TER MATRIX OF 12 x 10 DOTS
.
SINGLE + 5V SUPPLY VOLTAGE
.
ON-CHIP
MASK PROGRAMMABLE ROM
CHARACTER GENERATORS
.
HCMOS PROCESS
1
2
3
4
5
6
7
8
9
10
11
12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
24
23
22
21
TTD
TTC
ODD/EVEN
F6
SAN D
TCS/SCS
R
G
B
COR
BL AN
Y
SCL
SDA
VDD
VSS
VCS
RESERVED
RESERVED
PIN CONNECTIONS
DESCRIPTION
The STV5342 is a HCMOS integrated circuit which
performs all the processing of logical data within a
625 lines system teletext decoder. It is designed to
operate in conjunction with one-chip : the SAA5231
integrated chip which extracts Teletext information
embedded in a composite video signal. Up to 4
pages of display data can be stored in internal
memory. A complete system also comprises a mi-
croprocessor controlling the STV5342 via a 2-wires
serial bus. An on-chip ROM memory contains the
character sets. The STV5342 performs automatic
selection of one of up to six natural languages. Data
bytes may be decoded in either 7-Bit plus parity or
in full 8-Bit formats. The chip set also supports
facilities for reception and display of higher-level
protocol data.
DIP40
(Plastic Package)
ORDER CODE : STV5342
1/20


Similar Part No. - STV5342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5345H STMICROELECTRONICS-STV5345H Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5345T STMICROELECTRONICS-STV5345T Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
STV5346/H STMICROELECTRONICS-STV5346/H Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
More results

Similar Description - STV5342

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
logo
NXP Semiconductors
SAA5360 PHILIPS-SAA5360 Datasheet
158Kb / 28P
Multi page intelligent teletext decoder
2005 Mar 09
logo
STMicroelectronics
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
COMPUTER-CONTROLLED TELETEXT DECODER
September 1993
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com