Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001 Datasheet(PDF) 7 Page - Interpion semiconductor

Part # IP4001
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001 Datasheet(HTML) 7 Page - Interpion semiconductor

Back Button IP4001 Datasheet HTML 3Page - Interpion semiconductor IP4001 Datasheet HTML 4Page - Interpion semiconductor IP4001 Datasheet HTML 5Page - Interpion semiconductor IP4001 Datasheet HTML 6Page - Interpion semiconductor IP4001 Datasheet HTML 7Page - Interpion semiconductor IP4001 Datasheet HTML 8Page - Interpion semiconductor IP4001 Datasheet HTML 9Page - Interpion semiconductor IP4001 Datasheet HTML 10Page - Interpion semiconductor IP4001 Datasheet HTML 11Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
- 7 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
The level shifter changes the direction of the current(Iconv) as the same amount,
and then supply it to the power AMP.
The resistor Ra(10.6K) converts current into voltage with the DC offset of Pref.
The power amp has unity gain.
So the total differential voltage gain of the IP4001 is as follows,
If you want to reduce the total gain of the BTL drive part, use additional series resistor into the
input pin(pin#3, 10,19,25)
You can also increase or decrease the voltage gain of the CH1, CH4 using adjustable pin
(pin#4, pin24) by inserting an external series resistor.
when
ef
Pr
+
10k
Vref
-
Vin
10.6K x
=
Va
ef
Pr
+
10k
Vref
-
Vin
-10.6K x
=
Va
-
2
Vbe
-
VCC1
=
Pref
Vref
-
Vin
]}
ef
Pr
+
10k
Vref
-
Vin
x
[(-)10.6k
-
]
ef
Pr
+
10k
Vref
-
Vin
x
{[10.6k
20log
=
Gain
10K
10.6K
x
2
20log
=
6.527dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com