Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001 Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP4001
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001 Datasheet(HTML) 2 Page - Interpion semiconductor

  IP4001 Datasheet HTML 1Page - Interpion semiconductor IP4001 Datasheet HTML 2Page - Interpion semiconductor IP4001 Datasheet HTML 3Page - Interpion semiconductor IP4001 Datasheet HTML 4Page - Interpion semiconductor IP4001 Datasheet HTML 5Page - Interpion semiconductor IP4001 Datasheet HTML 6Page - Interpion semiconductor IP4001 Datasheet HTML 7Page - Interpion semiconductor IP4001 Datasheet HTML 8Page - Interpion semiconductor IP4001 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
- 2 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
8
9
10
11
12
13
14
2
3
4
5
6
7
1
21
20
19
18
17
16
15
27
26
25
24
23
22
28
DO1-
DO1+
IN1
IN1A
N/C
REO
MUTE
SGND
FWD
IN2
DO2+
DO2- PGND1 REV
DO5+
DO5-
DO3-
DO3+
IN3
CTL
VCC1
VCC2
REF
IN4A
IN4
DO4-
PGND2
DO4+
(FIN)
(FIN)
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
DO1-
O
CH1 OUTPUT (-)
2
DO1+
O
CH1 OUTPUT (+)
3
IN1
I
CH1 INPUT 1
4
IN1A
I
CH1 INPUT 2
5
N / C
-
NO-CONNECTION
6
REO
O
REGULATOR
OUTPUT
7
MUTE
I
MUTE
INPUT
8
SGND
-
SIGNAL
GROUND
9
FWD
I
CH5 INPUT 1
10
IN2
I
CH2 INPUT
11
DO2+
O
CH2 OUTPUT (+)
12
DO2-
O
CH2 OUTPUT (-)
13
PGND1
-
POWER GROUND 1
14
REV
I
CH5 INPUT 2
NO
SYMBOL
I/O
DESCRIPTION
15
DO5+
O
CH5 OUTPUT (+)
16
DO5-
O
CH5 OUTPUT (-)
17
DO3-
O
CH3 OUTPUT (-)
18
DO3+
O
CH3 OUTPUT (+)
19
IN3
I
CH3 INPUT
20
CTL
I
CH5 MOTOR SPEED
CONTROL
21
VCC1
I
SUPPLY VOLTAGE 1
(CH2,CH3,CH5)
22
VCC2
I
SUPPLY VOLTAGE 2
(CH1,CH4,SIGNAL,REG)
23
REF
I
CH BIAS INPUT
24
IN4A
I
CH4 INPUT 1
25
IN4
I
CH4 INPUT 2
26
DO4+
O
CH4 OUTPUT (+)
27
DO4-
O
CH4 OUTPUT (-)
28
PGND2
-
POWER GROUND 2
PIN CONNECTIONS
IP4001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com