Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4001 Datasheet(PDF) 10 Page - Interpion semiconductor

Part # IP4001
Description  5-CH MOTOR DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001 Datasheet(HTML) 10 Page - Interpion semiconductor

Back Button IP4001 Datasheet HTML 6Page - Interpion semiconductor IP4001 Datasheet HTML 7Page - Interpion semiconductor IP4001 Datasheet HTML 8Page - Interpion semiconductor IP4001 Datasheet HTML 9Page - Interpion semiconductor IP4001 Datasheet HTML 10Page - Interpion semiconductor IP4001 Datasheet HTML 11Page - Interpion semiconductor IP4001 Datasheet HTML 12Page - Interpion semiconductor IP4001 Datasheet HTML 13Page - Interpion semiconductor IP4001 Datasheet HTML 14Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
- 10 -
August. 2002 (Rev.7)
WWW.INTERPIONSEMI.COM
IP4001
5-CH MOTOR DRIVE IC
TEST CIRCUIT
5V
Reg out
103
2.5V
SW1
SW2
SW3
8
8
8
1
3
2
1
3
2
1
2
VCC
VCC
SW4
SW5
SW6
8
8
8
1
3
2
1
3
2
1
2
SW7
SW8
SW9
8
8
8
1
3
2
1
3
2
1
2
VCC
SW10
SW11
SW12
8
8
8
1
3
2
1
3
2
1
2
VCC
SW13
1
3
2
SW14
1
3
2
SW15
1
3
2
SW16
1
3
2
SW17
45
SW18
1
3
2
VCC
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com