Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1T-RKW-CTaUaCC3 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM1T-RKW-CTaUaCC3
Description  Cree짰 PLCC2 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1T-RKW-CTaUaCC3 Datasheet(HTML) 1 Page - Cree, Inc

  CLM1T-RKW-CTaUaCC3 Datasheet HTML 1Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 2Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 3Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 4Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 5Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 6Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 7Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC2 1 in 1 SMD LED
CLM1T-RKW
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have
high reliability performance and are
designed to work under a wide range
of environmental conditions.
This high reliability feature makes
them ideally suited to be used under
illumination application conditions.
Its wide viewing angle makes these
LEDs ideally suited for channel letter,
or general backlighting and illumina-
tion applications. The flat top emitting
surface makes it easy for these LEDs
to mate with light pipes.
FEATURES
• Size (mm):3.2 x 2.7
• Color and Typical Dominant
Wavelength:
Red (628nm)
• Luminous Intensity (mcd)
CLM1T-RKW:
(280 - 560)
• Viewing angle: 120 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Light Strip
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM1T-RKW-CTaUaCC3

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
CLM10D-050 PHIHONG-CLM10D-050 Datasheet
148Kb / 2P
10W Automobile Charger
CLM10D-050-R PHIHONG-CLM10D-050-R Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-050 PHIHONG-CLM10D-050_14 Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-203M PHIHONG-CLM10D-203M Datasheet
161Kb / 2P
Dual Output Car Charging Adapter for Portable Electronics
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
800mA Low Dropout Regulator SCSI-II Active Terminator
More results

Similar Description - CLM1T-RKW-CTaUaCC3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
Cree짰 PLCC2 1-in-1 SMD LED
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
Cree짰 PLCC2 1 in 1 SMD LED
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
Cree짰 PLCC2 1 in 1 SMD LED
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
Cree짰 PLCC2 1 in 1 SMD LED
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
Cree짰 PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com