Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1T-RKW-CTaUaCC3 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM1T-RKW-CTaUaCC3
Description  Cree짰 PLCC2 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1T-RKW-CTaUaCC3 Datasheet(HTML) 4 Page - Cree, Inc

  CLM1T-RKW-CTaUaCC3 Datasheet HTML 1Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 2Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 3Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 4Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 5Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 6Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 7Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC2 1 in 1 SMD LED
CLM1T-RKW
ORDER CODE TABLE*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CLM1T-RKW-CTaUaCC3
120
280
560
RC
620
RC
635
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com