Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1T-RKW-CTaUaCC3 Datasheet(PDF) 5 Page - Cree, Inc

Part # CLM1T-RKW-CTaUaCC3
Description  Cree짰 PLCC2 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1T-RKW-CTaUaCC3 Datasheet(HTML) 5 Page - Cree, Inc

  CLM1T-RKW-CTaUaCC3 Datasheet HTML 1Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 2Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 3Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 4Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 5Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 6Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 7Page - Cree, Inc CLM1T-RKW-CTaUaCC3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree PLCC2 1 in 1 SMD LED
CLM1T-RKW
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
IF(mA)
0.0
1.0
4.0
2.0
3.0
5.0
40
0.0
20
80
60
100
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
FIG.5 MAXIMUM FORWARD DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
Rth j-a=450 C/W
Rth j-s=300 C/W
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 120
Angle
VF(V)
2.4
FIG.1 FORWARD CURRENT VS.
20.0
2.0
0.0
2.2
2.6
2.8
60.0
40.0
80.0
100.0
IF (mA)
1.8
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
-10
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
-60
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com