Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41T-RHS Datasheet(PDF) 1 Page - Cree, Inc

Part # CP41T-RHS
Description  Cree짰 P4 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41T-RHS Datasheet(HTML) 1 Page - Cree, Inc

  CP41T-RHS Datasheet HTML 1Page - Cree, Inc CP41T-RHS Datasheet HTML 2Page - Cree, Inc CP41T-RHS Datasheet HTML 3Page - Cree, Inc CP41T-RHS Datasheet HTML 4Page - Cree, Inc CP41T-RHS Datasheet HTML 5Page - Cree, Inc CP41T-RHS Datasheet HTML 6Page - Cree, Inc CP41T-RHS Datasheet HTML 7Page - Cree, Inc CP41T-RHS Datasheet HTML 8Page - Cree, Inc CP41T-RHS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® P4 LED
CP41T-RDS/ADS
CP41T-RFS/AFS
CP41T-RHS/AHS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
FEATURES
• Size (mm): 7.6 x 7.6
• Color and Typical Dominant
Wavelength:
Red (628nm)
Amber(591nm)
• Luminous Flux (mlm)
CP41T-RDS:
(2750-6600)
CP41T-RFS:
(3300-6600)
CP41T-RHS:
(3300-6600)
CP41T-ADS:
(2200-5500)
CP41T-AFS:
(2200-5500)
CP41T-AHS:
(2200-6600)
• Lead - Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
•ChannelLetter
•Amusement
PRODUCT DESCRIPTION
This revolutionary package design
allows the lighting designer to reduce
the number of LEDs required and
provide a more uniform and unique
illuminated appearance than with
other LED solutions.
Thisispossiblethroughtheefficient
optical-package design and high-
current capabilities. The low-profile
package can be easily coupled with
reflectors or lenses to efficiently
distribute light and provide the
desired lit appearance. This product
family employs green and blue LED
materials, which allows designers
to match the color of many lighting
applications such as vehicle signal
lamps and amusement lighting.


Similar Part No. - CP41T-RHS

ManufacturerPart #DatasheetDescription
logo
Cree LED
CP41A CREELED-CP41A Datasheet
776Kb / 11P
CP41A-RxS, CP41A-AxS: P4 Red & Amber LEDs
REV 7
logo
Cree, Inc
CP41A-ADS CREE-CP41A-ADS Datasheet
925Kb / 10P
Cree P4 LED
CP41A-ADS-CL0P0354 CREE-CP41A-ADS-CL0P0354 Datasheet
925Kb / 10P
Cree P4 LED
CP41A-ADS-CL0P0454 CREE-CP41A-ADS-CL0P0454 Datasheet
925Kb / 10P
Cree P4 LED
CP41A-AFS CREE-CP41A-AFS Datasheet
925Kb / 10P
Cree P4 LED
More results

Similar Description - CP41T-RHS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
P4 LED
logo
Marktech Corporate
CP41B-BFS MARKTECH-CP41B-BFS Datasheet
546Kb / 8P
Cree짰 P4 LED
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
Cree짰 P4 LED
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
Cree짰 P4 LED
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
Cree짰 P4 LED
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
Cree짰 P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com