Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41T-RHS Datasheet(PDF) 5 Page - Cree, Inc

Part # CP41T-RHS
Description  Cree짰 P4 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41T-RHS Datasheet(HTML) 5 Page - Cree, Inc

  CP41T-RHS Datasheet HTML 1Page - Cree, Inc CP41T-RHS Datasheet HTML 2Page - Cree, Inc CP41T-RHS Datasheet HTML 3Page - Cree, Inc CP41T-RHS Datasheet HTML 4Page - Cree, Inc CP41T-RHS Datasheet HTML 5Page - Cree, Inc CP41T-RHS Datasheet HTML 6Page - Cree, Inc CP41T-RHS Datasheet HTML 7Page - Cree, Inc CP41T-RHS Datasheet HTML 8Page - Cree, Inc CP41T-RHS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree P4 LED
CP41T-RDS/ADS
CP41T-RFS/RFS
CP41T-RHS/AHS
GRAPHS
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.2 RELATIVE LUMINOUS Flux VS.
IF(mA)
FORWARD CURRENT
IF(mA)
VF(V)
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
IF (mA)
0.0
0.5
2.0
1.0
1.5
2.5
60
20
40
100
80
0
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
Red
Amber
FIG.5 Red & Amber MAXIMUM FORWARD
DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=120 C)
VS. REVERSE VOLTAGE.
FIG.3 Red & Amber REVERSE CURRENT
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
30
60
90
50% Power Angle : 40
2.6
1.8
2.2
2.0
2.4
2.8
20.0
40.0
80.0
60.0
100.0
0.0
Red
Amber
Angle
-10
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
-60
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Red
Amber
(RELATIVE LUMINOUS Flux)
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
CP41T-ADS/RDS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com